Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH25D11HF-R47NC Datasheet(PDF) 3 Page - Sumida Corporation

Part # CDH25D11HF-R47NC
Description  Power Inductor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH25D11HF-R47NC Datasheet(HTML) 3 Page - Sumida Corporation

  CDH25D11HF-R47NC Datasheet HTML 1Page - Sumida Corporation CDH25D11HF-R47NC Datasheet HTML 2Page - Sumida Corporation CDH25D11HF-R47NC Datasheet HTML 3Page - Sumida Corporation CDH25D11HF-R47NC Datasheet HTML 4Page - Sumida Corporation CDH25D11HF-R47NC Datasheet HTML 5Page - Sumida Corporation CDH25D11HF-R47NC Datasheet HTML 6Page - Sumida Corporation CDH25D11HF-R47NC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
■
■
■
■
Electrical Characteristics specification.
※1、Saturation Current: This indicates the value of D.C. current when the inductance decreases to 70% of
its nominal value.
※2、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃)
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH25D09,CDH25D11
◆
◆
◆
◆ CDH25D11
0.45
0.75(0.88)
0.978(0.782)
10.0
±20%
J
CDH25D11HF-100MC
0.57
0.95(1.12)
0.611(0.489)
6.8
±20%
G
CDH25D11HF-6R8MC
0.75
1.15(1.35)
0.421(0.337)
4.7
±20%
F
CDH25D11HF-4R7MC
0.92
1.40(1.63)
0.288(0.230)
3.3
±20%
E
CDH25D11HF-3R3MC
1.17
1.63(1.92)
0.184(0.147)
2.2
±20%
D
CDH25D11HF-2R2MC
1.32
2.00(2.38)
0.156(0.125)
1.5
±30%
C
CDH25D11HF-1R5NC
1.55
2.47(2.90)
0.106(85m)
1.0
±30%
B
CDH25D11HF-1R0NC
1.58
2.67(3.15)
95m(76m)
0.68
±30%
K
CDH25D11HF-R68NC
1.89
3.40(4.00)
67m(54m)
0.47
±30%
A
CDH25D11HF-R47NC
Temperature
Rise Current
(A)
※2
Saturation Current
(A)※1
D.C.R.
Max.(Typ.)
(
Ω)
Inductance
1MHz
(
μH)
Stamp
Part Name
■
■
■
■
Rated Current Curve
◆
◆
◆
◆ CDH25D09



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com