Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFJ36N30 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFJ36N30
Description  HiPerFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFJ36N30 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFJ36N30 Datasheet HTML 1Page - IXYS Corporation IXFJ36N30 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2001 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C36
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
144
A
I
AR
36
A
E
AR
T
C
= 25
°C19
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS,
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
300
W
T
J
-55 ... +150
° C
T
JM
150
° C
T
stg
-55 ... +150
° C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
5g
Maximum lead temperature for soldering
300
° C
1.6 mm (0.062 in.) from case for 10 s
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250 µA
200
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS = 0.8
V
DSS
T
J = 25°C25
µA
V
GS = 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS = 10 V, ID = 18A
70 m
Ω
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
HiPerFETTM
N-Channel Enhancement Mode
Features
•Internationalstandardpackage
JEDEC TO-247 AD
•Low R
DS (on) HDMOS
TM process
•Ruggedpolysilicongatecellstructure
•Highcommutatingdv/dtrating
•Fastswitchingtimes
Applications
• Switch-modeandresonant-mode
power supplies
• Motorcontrols
• Uninterruptible Power Supplies (UPS)
• DC choppers
Advantages
• Easytomountwith1screw
(isolated mounting screw hole)
• Space savings
• High power density
98859 9/01
G = Gate,
D = Drain,
S = Source,
TAB = Drain
(TAB)
G
D
S
é
IXTJ 36N20
V
DSS
= 200
V
I
D25
=
36
A
R
DS(on) =
70 m
Ω
Ω
Ω
Ω
Ω
t
rr < 200 ns
ADVANCE TECHNICAL INFORMATION


Similar Part No. - IXFJ36N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFJ36N20 ISC-IXFJ36N20 Datasheet
362Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFJ36N30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH10N100 IXYS-IXFH10N100 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
HiPerFET Power MOSFETs
IXFC24N50 IXYS-IXFC24N50 Datasheet
67Kb / 2P
HiPerFET MOSFETs ISOPLUS220
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
HiPerFET Power MOSFETs
IXFC60N20 IXYS-IXFC60N20 Datasheet
77Kb / 2P
HiPerFET MOSFET ISOPLUS220TM
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
HiPerFET Power MOSFETs
IXFN210N20P IXYS-IXFN210N20P Datasheet
129Kb / 5P
Polar HiPerFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com