Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN210N20P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN210N20P
Description  Polar HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN210N20P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN210N20P Datasheet HTML 1Page - IXYS Corporation IXFN210N20P Datasheet HTML 2Page - IXYS Corporation IXFN210N20P Datasheet HTML 3Page - IXYS Corporation IXFN210N20P Datasheet HTML 4Page - IXYS Corporation IXFN210N20P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
DS100019A(05/10)
PolarTM HiPerFETTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFN210N20P
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
200
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.5
4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±200
nA
I
DSS
V
DS = VDSS, VGS = 0V
25
μA
T
J = 150°C
2
mA
R
DS(on)
V
GS = 10V, ID = 105A, Note 1
10.5
m
Ω
V
DSS
= 200V
I
D25
= 188A
R
DS(on)
≤≤≤≤≤ 10.5mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
200
V
V
DGR
T
J
= 25
°C to 175°C, R
GS = 1MΩ
200
V
V
GSS
Continuous
±20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
188
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
600
A
I
A
T
C = 25°C
105
A
E
AS
T
C = 25°C4
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 175°C
20
V/ns
P
D
T
C = 25°C
1070
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting Torque
1.5/13
Nm/lb.in.
Terminal Connection Torque
1.3/11.5
Nm/lb.in.
Weight
30
g
Features
International Standard Package
miniBLOC, with Aluminium Nitride
Isolation
Low Package Inductance
Avalanche Rated
Low R
DS(ON)
and Q
G
Fast Intrinsic Diode
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Coverters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC and DC Motor Drives
Uninterrupted Power Supplies
High Speed Power Switching
Applications
S
G
S
D
miniBLOC
E153432
Either Source Terminal S can be used as
the Source Terminal or the Kelvin Source
(Gate Return) Terminal.
G = Gate
D = Drain
S = Source


Similar Part No. - IXFN210N20P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFN210N20P ISC-IXFN210N20P Datasheet
684Kb / 3P
N-Channel MOSFET
More results

Similar Description - IXFN210N20P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com