Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN280N085 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN280N085
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN280N085 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN280N085 Datasheet HTML 1Page - IXYS Corporation IXFN280N085 Datasheet HTML 2Page - IXYS Corporation IXFN280N085 Datasheet HTML 3Page - IXYS Corporation IXFN280N085 Datasheet HTML 4Page - IXYS Corporation IXFN280N085 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS Corporation, All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
85
V
V
GS(th)
V
DS = VGS, ID = 8mA
2.0
4.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±200
nA
I
DSS
V
DS = VDSS
100
μA
V
GS = 0V
T
J = 125°C
2
mA
R
DS(on)
V
GS = 10V, ID = 100A, Note 1
4.4
m
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C85
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
85
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C, Chip capability
280
A
I
L(RMS)
External Lead Current Limit
200
A
I
DM
T
C = 25°C, pulse width limited by TJM
1120
A
I
A
T
C = 25°C
200
A
E
AS
T
C = 25°C4
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
5
V/ns
P
d
T
C = 25°C
700
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque
1.3/11.5
Nm/lb.in.
Weight
30
g
HiPerFETTM Power
MOSFETs Single Die
MOSFET
DS98747B(12/08)
S
G
S
D
miniBLOC, SOT-227 B
E153432
G = Gate
D = Drain
S = Source
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
IXFN280N085
V
DSS
= 85V
I
D25
= 280A
R
DS(on) ≤
≤≤≤≤ 4.4mΩ
Ω
Ω
Ω
Ω
Features
•International standard package
•miniBLOC, with Aluminium nitride
isolation
•Low R
DS(on) HDMOS
TM
process
•Rugged polysilicon gate cell structure
•Avalanche rated
• Guaranteed FBSOA
•Low package inductance
•Fast intrinsic Rectifier
Advantages
• Easy to mount
• Space savings
• High power density
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• Temperature and lighting controls
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr


Similar Part No. - IXFN280N085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFN280N085 ISC-IXFN280N085 Datasheet
428Kb / 3P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFN280N085

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN340N06 IXYS-IXFN340N06 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN280N07 IXYS-IXFN280N07 Datasheet
102Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN39N90 IXYS-IXFN39N90 Datasheet
125Kb / 4P
HiPerFET Power MOSFETs Single MOSFET Die
IXFN60N60 IXYS-IXFN60N60 Datasheet
71Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN130N30 IXYS-IXFN130N30 Datasheet
162Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFL44N60 IXYS-IXFL44N60 Datasheet
532Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN48N55 IXYS-IXFN48N55 Datasheet
77Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com