Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP12N50PM Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFP12N50PM
Description  Polar Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP12N50PM Datasheet(HTML) 4 Page - IXYS Corporation

  IXFP12N50PM Datasheet HTML 1Page - IXYS Corporation IXFP12N50PM Datasheet HTML 2Page - IXYS Corporation IXFP12N50PM Datasheet HTML 3Page - IXYS Corporation IXFP12N50PM Datasheet HTML 4Page - IXYS Corporation IXFP12N50PM Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXFP12N50PM
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 11. Capacitance
10
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0369
12
15
18
21
24
27
30
Q G - nanoCoulombs
VDS = 250V
ID = 6A
IG = 10mA
Fig. 7. Input Admittance
0
2
4
6
8
10
12
14
16
18
20
4.5
5.0
5.5
6.0
6.5
7.0
7.5
VG S - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
3
6
9
12
15
18
21
24
27
02468
10
12
14
16
18
20
I D - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-Drain
Voltage
0
5
10
15
20
25
30
35
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 12. Forward-Bias
Safe Operating Area
0.1
1
10
100
10
100
1000
VD S - Volts
100µs
1m s
DC
TJ = 150ºC
TC = 25ºC
RDS(on) Limit
10m s
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com