Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15-21-GHC-R2S2-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 15-21-GHC-R2S2-2T
Description  1206 Package Chip LED (1.0mm Height)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-21-GHC-R2S2-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  15-21-GHC-R2S2-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-21-GHC-R2S2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
15-21/GHC-R2S2/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev
1
Page: 4 of 10
Device No:DSE-0003945
Prepared date: 22-July-2010
Prepared by:Yang yuanyuan
Bin Range Of Luminous Intensity
Bin
Min
Max
Unit
Condition
R2
140
180
S1
180
225
S2
225
285
mcd
IF=20mA
Notes:
Tolerance of Luminous Intensity ±11%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com