Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15-22-R6GHC-A01-2T Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # 15-22-R6GHC-A01-2T
Description  Chip LED with Bi-Color (Multi-Color)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

15-22-R6GHC-A01-2T Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button 15-22-R6GHC-A01-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 15-22-R6GHC-A01-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
15-22/R6GHC-A01/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 2
Page: 9 of 11
Device No. : DSE-152-085
Prepared date: 07-15-2004
Prepared by : Jessica Chang
Reliability Test Items And Conditions
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
No.
Items
Test Condition
Test
Hours/Cycles
Sample
Size
Ac/Re
1
Reflow Soldering
Temp. : 260℃±5℃
Min. 5sec.
6 Min.
22 PCS.
0/1
2
Temperature Cycle
H : +100℃ 15min
∫ 5 min
L : -40℃ 15min
300 Cycles
22 PCS.
0/1
3
Thermal Shock
H : +100℃ 5min
∫ 10 sec
L : -10℃ 5min
300 Cycles
22 PCS.
0/1
4
High Temperature
Storage
Temp. : 100℃
1000 Hrs.
22 PCS.
0/1
5
Low Temperature
Storage
Temp. : -40℃
1000 Hrs.
22 PCS.
0/1
6
DC Operating Life
IF = 20 mA
1000 Hrs.
22 PCS.
0/1
7
High Temperature /
High Humidity
85℃/ 85%RH
1000 Hrs.
22 PCS.
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com