Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF1000-DB Datasheet(PDF) 2 Page - Mimix Broadband

Part # XF1000-DB
Description  34.0 dBm Packaged HFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XF1000-DB Datasheet(HTML) 2 Page - Mimix Broadband

  XF1000-DB Datasheet HTML 1Page - Mimix Broadband XF1000-DB Datasheet HTML 2Page - Mimix Broadband XF1000-DB Datasheet HTML 3Page - Mimix Broadband XF1000-DB Datasheet HTML 4Page - Mimix Broadband XF1000-DB Datasheet HTML 5Page - Mimix Broadband XF1000-DB Datasheet HTML 6Page - Mimix Broadband XF1000-DB Datasheet HTML 7Page - Mimix Broadband XF1000-DB Datasheet HTML 8Page - Mimix Broadband XF1000-DB Datasheet HTML 9Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
F1000-DB
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
May 2010 - Rev 25-May-10
DC-5.0 GHz
34.0 dBm Packaged HFET
Page 2 of 9
S-parameters: (Vdd=8V, Idd=600 mA)
S-Parameters files are available for download at www.mimixbroadband.com.
S12
-36
-34
S21
20
22
24
26
28
30
32
DB(|S(2,1)|)
DB(GMax())
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
-42
-40
-38
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
S22
Swp Max
6GHz
S11
Swp Max
6GHz
6 0 GH
6.0 GHz
10.0
5.0
3.0
4.0
10.0
5.0
3.0
4.0
1.6 GHz
0.9 GHz
2.0 GHz
2.4 GHz
2.0 GHz
0.9 GHz
3.5 GHz
2.4 GHz
0 1 GHz
3.5 GHz
6.0 GHz
-0.2
-0.
4
Swp Min
0.1GHz
-0.2
-0.
4
Swp Min
0.1GHz
0.5 GHz
0.1 GHz
0.5 GHz
0.1 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com