Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF1001-SC Datasheet(PDF) 2 Page - Mimix Broadband

Part # XF1001-SC
Description  1.0W Packaged HFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XF1001-SC Datasheet(HTML) 2 Page - Mimix Broadband

  XF1001-SC Datasheet HTML 1Page - Mimix Broadband XF1001-SC Datasheet HTML 2Page - Mimix Broadband XF1001-SC Datasheet HTML 3Page - Mimix Broadband XF1001-SC Datasheet HTML 4Page - Mimix Broadband XF1001-SC Datasheet HTML 5Page - Mimix Broadband XF1001-SC Datasheet HTML 6Page - Mimix Broadband XF1001-SC Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
F1001-SC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2010 - Rev 05-Apr-10
DC-6.0 GHz
1.0W Packaged HFET
Page 2 of 7
Evaluation Board: EV1, 5.8 GHz
Schematic: EV1, 5.8 GHz
Vg = -0.85V Vd = 8V
RFIN
RFOUT
Dielectric: Rogers 4003
Thickness: 12mil



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com