Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL1007-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XL1007-QT
Description  3.5-8.0 GHz GaAs MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XL1007-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XL1007-QT Datasheet HTML 1Page - Mimix Broadband XL1007-QT Datasheet HTML 2Page - Mimix Broadband XL1007-QT Datasheet HTML 3Page - Mimix Broadband XL1007-QT Datasheet HTML 4Page - Mimix Broadband XL1007-QT Datasheet HTML 5Page - Mimix Broadband XL1007-QT Datasheet HTML 6Page - Mimix Broadband XL1007-QT Datasheet HTML 7Page - Mimix Broadband XL1007-QT Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Low Noise Amplifier Measurements
3.5-8.0 GHz GaAs MMIC
Packaged Low Noise Amplifier
L1007-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
XL1007-QT: Noise Figure Vs Voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
Freq. (GHz)
3V
4V
5V
XL1007-QT: Noise Figure Vs Temp @ Vdd=3V
0
0.5
1
1.5
2
2.5
3
3.5
4
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
Freq. (GHz)
85C
25C
-40C
XL1007-QT: Noise Figure Vs Temp @ Vdd=4V
0
0.5
1
1.5
2
2.5
3
3.5
4
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
Freq. (GHz)
85C
25C
-40C
XL1007-QT: Noise Figure Vs Temp @ Vdd=5V
0
0.5
1
1.5
2
2.5
3
3.5
4
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
Freq. (GHz)
85C
25C
-40C
XL1007-QT: S-parameters, 5V
-70
-60
-50
-40
-30
-20
-10
0
10
20
0123
456789
10
11
12
13
14
15
16
17
18
19
20
Freq. (GHz)
S11
S21
S22
S12
XL1007-QT: S11 Vs Voltage
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0123
456789
10
11
12
13
14
15
16
17
18
19
20
Freq. (GHz)
Vdd=3V
Vdd=4V
Vdd=5V
February 2009 - Rev 20-Feb-09



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com