Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMM150-0075X2F Datasheet(PDF) 2 Page - IXYS Corporation

Part # FMM150-0075X2F
Description  TrenchT2 HiperFET N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMM150-0075X2F Datasheet(HTML) 2 Page - IXYS Corporation

  FMM150-0075X2F Datasheet HTML 1Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 2Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 3Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 4Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 5Page - IXYS Corporation FMM150-0075X2F Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves The Right to Change Limits, Test Conditions, and Dimensions.
FMM150-0075X2F
ISOPLUS i4-PakTM Outline
Ref: IXYS CO 0077 R0
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
75
V
V
GS(th)
V
DS = VGS, ID = 250μA
2.0
4.0
V
I
GSS
V
GS = ±20 V, VDS = 0V
± 200 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
μA
T
J = 150°C
250
μA
R
DS(on)
V
GS = 10V, ID = 100A, Note 1
5.8 m
Ω
g
fs
V
DS = 10V, ID = 60A, Note 1
50
83
S
C
iss
10.5
nF
C
oss
V
GS = 0V, VDS = 25 V, f = 1 MHz
1165
pF
C
rss
125
pF
t
d(on)
Resistive Switching Times
23
ns
t
r
V
GS = 10V, VDS = 0.5
V
DSS, ID = 115A
18
ns
t
d(off)
R
G = 2Ω (External)
33
ns
t
f
15
ns
Q
g(on)
178
nC
Q
gs
V
GS= 10V, VDS = 0.5
V
DSS, ID = 100A
37
nC
Q
gd
55
nC
R
thJC
0.88
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Characteristic Values
T
J = 25°C Unless Otherwise Specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0V
230
A
I
SM
Repetitive, Pulse Width Limited by T
JM
900
A
V
SD
I
F = 75A, VGS = 0V, Note 1
1.5
V
t
rr
66
ns
I
RM
4.4
A
Q
RM
145
nC
Note 1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2 %.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experience,
and constitute a "considered reflection" of the anticipated objective result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
I
F = 115A, -di/dt = 100A/μs
V
R = 37V, VGS = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com