Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1005-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1005-BD
Description  35.0-43.0 GHz GaAs MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1005-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1005-BD Datasheet HTML 1Page - Mimix Broadband XP1005-BD Datasheet HTML 2Page - Mimix Broadband XP1005-BD Datasheet HTML 3Page - Mimix Broadband XP1005-BD Datasheet HTML 4Page - Mimix Broadband XP1005-BD Datasheet HTML 5Page - Mimix Broadband XP1005-BD Datasheet HTML 6Page - Mimix Broadband XP1005-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
35.0-43.0 GHz GaAs MMIC
Power Amplifier
Power Amplifier Measurements
Page 2 of 7
XP1005-BD Vd=4.5V, Id1=33 mA, Id2=67 mA, Id3=133 mA, Id4=267 mA
~1600 Devices
20
21
22
23
24
25
26
27
28
29
30
37.0
38.0
39.0
40.0
Frequency (GHz)
Max
Median
Mean
-3-sigma
XP1005-BD Vd=4.5V, Id1=33 mA, Id2=67 mA, Id3=133 mA, Id4=267 mA
~1600 Devices
-80
-70
-60
-50
-40
-30
-20
-10
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
Frequency (GHz)
Max
Median
Mean
-3-sigma
XP1005-BD Vd=4.5V, Id1=33 mA, Id2=67 mA, Id3=133 mA, Id4=267 mA
~1600 Devices
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
Frequency (GHz)
Max
Median
Mean
-3-sigma
XP1005-BD Vd=4.5V, Id1=33 mA, Id2=67 mA, Id3=133 mA, Id4=267 mA
~1600 Devices
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
37.0
37.5
38.0
38.5
39.0
39.5
40.0
Frequency (GHz)
Max
Median
Mean
-3-sigma
XP1005-BDVd=4.5V, Id1=33 mA, Id2=67 mA, Id3=133 mA, Id4=267 mA
~1600 Devices, Pin=0 dBm
20
21
22
23
24
25
26
27
28
29
30
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
Max
Median
Mean
-3-sigma
XP1005-BD Vd=4.5V, Id1=33 mA, Id2=67 mA, Id3=133 mA, Id4=267 mA
~1600 Devices, Pin=+5 dBm
20
21
22
23
24
25
26
27
28
29
30
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
Max
Median
Mean
-3-sigma
P1005-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2011 - Rev 22-Mar-11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com