Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1019-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1019-BD
Description  17.0-24.0 GHz GaAs MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1019-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1019-BD Datasheet HTML 1Page - Mimix Broadband XP1019-BD Datasheet HTML 2Page - Mimix Broadband XP1019-BD Datasheet HTML 3Page - Mimix Broadband XP1019-BD Datasheet HTML 4Page - Mimix Broadband XP1019-BD Datasheet HTML 5Page - Mimix Broadband XP1019-BD Datasheet HTML 6Page - Mimix Broadband XP1019-BD Datasheet HTML 7Page - Mimix Broadband XP1019-BD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
17.0-24.0 GHz GaAs MMIC
Power Amplifier
Power Amplifier Measurements
Page 2 of 8
0696ND 028AB201 (BCB): Pout vs. Freq @ Pin=+13 dBm
Vd1=Vd2=Vd3=5 V, regulated Id1=100 mA, Id2=200 mA, Id3=400 mA
20
21
22
23
24
25
26
27
28
29
30
17
17.5
18
18.5
19
19.5
20
20.5
21
21.5
22
22.5
23
23.5
24
Frequency (GHz)
, RC=R10C3
, RC=R10C4
, RC=R10C5
, RC=R10C6
, RC=R10C7
, RC=R10C8
, RC=R11C3
, RC=R11C6
, RC=R11C7
, RC=R11C8
, RC=R12C4
, RC=R12C5
, RC=R12C6
, RC=R12C7
, RC=R12C8
, RC=R13C5
, RC=R13C6
, RC=R13C7
, RC=R13C8
, RC=R14C6
, RC=R14C7
, RC=R14C8
, RC=R9C3
, RC=R9C4
, RC=R9C5
, RC=R9C6
P1019-BD
XP1019 Vd=5.0 V Id1=100 mA, Id2=200 mA, Id3=400mA
10
11
12
13
14
15
16
17
18
19
20
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
Frequency (GHz)
XP1019 Vd=5.0 V Id1=100 mA, Id2=200 mA, Id3=400mA
-80
-70
-60
-50
-40
-30
-20
-10
0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
Frequency (GHz)
XP1019 Vd=5.0 V Id1=100 mA, Id2=200 mA, Id3=400mA
-25
-20
-15
-10
-5
0
5
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
Frequency (GHz)
XP1019 Vd=5.0 V Id1=100 mA, Id2=200 mA, Id3=400mA
-40
-35
-30
-25
-20
-15
-10
-5
0
15.0
16.0
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2008 - Rev 10-Oct-08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com