Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1031-QK Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1031-QK
Description  37.0-40.0 GHz GaAs Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1031-QK Datasheet(HTML) 2 Page - Mimix Broadband

  XP1031-QK Datasheet HTML 1Page - Mimix Broadband XP1031-QK Datasheet HTML 2Page - Mimix Broadband XP1031-QK Datasheet HTML 3Page - Mimix Broadband XP1031-QK Datasheet HTML 4Page - Mimix Broadband XP1031-QK Datasheet HTML 5Page - Mimix Broadband XP1031-QK Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Amplifier Measurements
Page 2 of 6
P1031-QK
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
37.0-40.0 GHz GaAs Power Amplifier
QFN, 7x7mm
August 2009 - Rev 26-Aug-09
XP1031-QK-0N00: Small Signal Gain (S21)
Vd=4.0V, Id=600mA
0
5
10
15
20
25
30
35
32
33
34
35
36
37
38
39
40
41
42
43
Frequency (GHz)
XP1031-QK-0N00: Input Return Loss (S11)
Vd=4.0V, Id=600mA
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
32
33
34
35
36
37
38
39
40
41
42
43
Frequency (GHz)
XP1031-QK-0N00: Output Return Loss (S22)
Vd=4.0V, Id=600mA
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
32
33
34
35
36
37
38
39
40
41
42
43
Frequency (GHz)
XP1031-QK-0N00: Reverse Isolation (S12)
Vd=4.0V, Id=600mA
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
32
33
34
35
36
37
38
39
40
41
42
43
Frequency (GHz)
XP1031-QK-0N00: OIP3 vs Frequency
Pscl=15dBm,Vd=4V,Id=600mA
20
22
24
26
28
30
32
34
36
38
40
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)
XP1031-QK-0N00: C/I3 vs Frequency
Pscl=15dBm,Vd=4V,Id=600mA
30
32
34
36
38
40
42
44
46
48
50
37
37.5
38
38.5
39
39.5
40
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com