Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1039-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1039-QJ
Description  115.6-7.1 GHz Linear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1039-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  XP1039-QJ Datasheet HTML 1Page - Mimix Broadband XP1039-QJ Datasheet HTML 2Page - Mimix Broadband XP1039-QJ Datasheet HTML 3Page - Mimix Broadband XP1039-QJ Datasheet HTML 4Page - Mimix Broadband XP1039-QJ Datasheet HTML 5Page - Mimix Broadband XP1039-QJ Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2011 - Rev 06-Jan-11
Power Amplifier Measurements
Page 2 of 6
P1039-QJ
XP1039-QJ: Gain vs Freq
Vd=8V, Id=1400mA, Temp=25degC
10
11
12
13
14
15
16
17
18
19
20
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
XP1039-QJ: P1dB vs Freq
Vd=8V, Id=1400mA, Temp=25degC
30
31
32
33
34
35
36
37
38
39
40
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
XP1039-QJ: OIP3 vs Freq
Ptotal=28.5dBm, Vd=8V, Id=1400mA, Temp=25degC
40
42
44
46
48
50
52
54
56
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
XP1039-QJ: P1dB vs Freq
Vd=8V, Id=1200mA/1400mA, Temp=25degC
30
31
32
33
34
35
36
37
38
39
40
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
1200mA
1400mA
XP1039-QJ: OIP3 vs Freq
Ptotal=28.5dBm, Vd=8V, Id=1200mA/1400mA, Temp=25degC
20
25
30
35
40
45
50
55
60
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
1200mA
1400mA
XP1039-QJ: OIP3 vs Freq
Ptotal=25dBm, Vd=8V, Id=1200mA/1400mA, Temp=25degC
20
25
30
35
40
45
50
55
60
5.6
5.9
6.2
6.5
6.8
7.1
Frequency (GHz)
1200mA
1400mA
5.6-7.1 GHz Linear 4W Power Amplifier
6x6mm QFN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com