Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW1141CX Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # SW1141CX
Description  1608 (h=0.70mm) Type White LED RoHS compliant
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SW1141CX Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  SW1141CX Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SW1141CX Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2010.07.31
Page 3
Absolute Maximum Ratings
(Ta=25℃)
※1 IFRM Measurement condition : Pulse Width≦1ms., Duty≦1/20.
P owe r Dissipa tion
P d
35
mW
Forwa rd Curre nt
IF
10
mA
Pulse Forw a rd
Curre nt
※ 1
IFR M
48
mA
⊿ IF
0.133
mA/℃
⊿ IFR M
0.640
mA/℃
Re ve rse Volta g e
VR
5V
Ope ra ting
Temperature
T opr
-40~ +85
℃
Stora g e
Temperature
T stg
-40~ +100
℃
Absolute Ma x imum Ra ting s
Ite m
S ymbol
Unit
De ra ting
(T a =25℃ or hig he r)
Electro-Optical Characteristics
(Ta=25℃)
Conditions
TYP .
2.9
MAX .
3.2
Re ve rse Curre nt
VR =5V
IR
MAX .
100
μA
xT YP .
0.271
-
yT YP .
0.257
-
Unit
V
de g .
Ite m
S ymbol
VF
2θ1/2
T YP .
Characte ristics
150
Chroma ticity
Coordina te s
IF =5mA
Forwa rd
Volta g e
※ 1
IF =5mA
Ha lf Inte nsity
Ang le
IF =5mA
※1 Forward Voltage Tolerance Range : ±0.1V
SW1141CX
1608 (h=0.70mm) Type White LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com