Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1044-QL Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1044-QL
Description  3W Power Amplifier ModuleMarch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1044-QL Datasheet(HTML) 2 Page - Mimix Broadband

  XP1044-QL Datasheet HTML 1Page - Mimix Broadband XP1044-QL Datasheet HTML 2Page - Mimix Broadband XP1044-QL Datasheet HTML 3Page - Mimix Broadband XP1044-QL Datasheet HTML 4Page - Mimix Broadband XP1044-QL Datasheet HTML 5Page - Mimix Broadband XP1044-QL Datasheet HTML 6Page - Mimix Broadband XP1044-QL Datasheet HTML 7Page - Mimix Broadband XP1044-QL Datasheet HTML 8Page - Mimix Broadband XP1044-QL Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P1044-QL
Page 2 of 10
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
3.5-6.0 GHz
3W Power Amplifier Module
March 2010 - Rev 30-Mar-10
Evaluation Board Layout: EV1 (4.9 GHz ~ 5.9 GHz)
Ref Designator
Description
QTY
C1 , C2
10.0 pF 0402 Capacitor
1
C3, C4, C5, C6
1000 pF 0402 Capacitor
4
2
C
1
C
C3 C4
C5 C6
C7
C9
C10
C7, C8, C9, C10
1 uF A-Case Capacitor
4
0
1
C
9
C
C5
C6
2
d
V
1
d
V
C8
t
u
O
F
R
n
i
F
R
2
C
1
C
Material: Rogers 4003
Thickness: 8mil
8
C
7
C
C3
C4
2
g
V
1
g
V
Dimensions are in inches.
Input Match Details
Output Match Details
For improved performance at 6 GHz the thick transmission line (W=0.069”) on the output can be extended to touch the two open stubs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com