Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1050-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1050-QJ
Description  177.0-9.0 GHz Linear Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1050-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  XP1050-QJ Datasheet HTML 1Page - Mimix Broadband XP1050-QJ Datasheet HTML 2Page - Mimix Broadband XP1050-QJ Datasheet HTML 3Page - Mimix Broadband XP1050-QJ Datasheet HTML 4Page - Mimix Broadband XP1050-QJ Datasheet HTML 5Page - Mimix Broadband XP1050-QJ Datasheet HTML 6Page - Mimix Broadband XP1050-QJ Datasheet HTML 7Page - Mimix Broadband XP1050-QJ Datasheet HTML 8Page - Mimix Broadband XP1050-QJ Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2011 - Rev 06-Jan-11
Power Amplifier Measurements
Page 2 of 10
P1050-QJ
XP1050-QJ: S21
Vd=8V, Idtot=1400mA
-20
-15
-10
-5
0
5
10
15
20
3
4
5
6
7
8
9
10
11
12
13
Frequency (GHz)
S21,Vd=8V,Id=1400mA,25C
XP1050-QJ: S11 & S22 (Wideband)
Vd=8V, Idtot=1400mA
-35
-30
-25
-20
-15
-10
-5
0
1
3
5
7
9
11
13
15
17
19
21
23
25
Frequency (GHz)
S11,Vd=8V,Id=1400mA,25C
S22,Vd=8V,Id=1400mA,25C
XP1050-QJ: S21 & S12 (Wideband)
Vd=8V, Idtot=1400mA
-70
-60
-50
-40
-30
-20
-10
0
10
20
1
3
5
7
9
11
13
15
17
19
21
23
25
Frequency (GHz)
S21,Vd=8V,Id=1400mA,25C
S12,Vd=8V,Id=1400mA,25C
XP1050-QJ: S11
Vd=8V, Idtot=1400mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
Frequency (GHz)
+25°C,Vd=8V, Id=1400mA
-40°C,Vd=8V, Id=1400mA
+85°C,Vd=8V, Id=1400mA
XP1050-QJ: S22
Vd=8V, Idtot=1400mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
Frequency (GHz)
+25°C,Vd=8V, Id=1400mA
-40°C,Vd=8V, Id=1400mA
+85°C,Vd=8V, Id=1400mA
XP1050-QJ: S21
Vd=8V, Idtot=1400mA
0
2
4
6
8
10
12
14
16
18
20
7
7.2
7.4
7.6
7.8
8
8.2
8.4
8.6
8.8
Frequency (GHz)
+25°C,Vd=8V, Id=1400mA
-40°C,Vd=8V, Id=1400mA
+85°C,Vd=8V, Id=1400mA
7.0-9.0 GHz Linear Power Amplifier
6x6mm QFN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com