Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1053-SD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1053-SD
Description  1W, High Linearity InGaP HBT Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1053-SD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1053-SD Datasheet HTML 1Page - Mimix Broadband XP1053-SD Datasheet HTML 2Page - Mimix Broadband XP1053-SD Datasheet HTML 3Page - Mimix Broadband XP1053-SD Datasheet HTML 4Page - Mimix Broadband XP1053-SD Datasheet HTML 5Page - Mimix Broadband XP1053-SD Datasheet HTML 6Page - Mimix Broadband XP1053-SD Datasheet HTML 7Page - Mimix Broadband XP1053-SD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Typical Device S-parameters
(measured at the input and output reference planes)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
800-950 MHz
1W, High Linearity InGaP HBT Amplifier
XP1053-SD
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1 1.2 1.3 1.4 1.5
Frequency (GHz)
Gain and Maximum Gain
-20
-10
0
10
20
30
DB(|S(2,1)|)
XP1053
DB(GMax())
XP1053
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5
Frequency (GHz)
S12
-50
-30
-10
10
30
DB(|S(1,2)|)
XP1053
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.4
S11
SwpMax
1.5GHz
SwpMin
0.5GHz
0.8GHz
r 5.8Ohm
x 21Ohm
0.9GHz
r 13Ohm
x12Ohm
0.94 GHz
r 7.1 Ohm
x11Ohm
S(1,1)
XP1053
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
SwpMax
1.5GHz
SwpMin
0.5GHz
0.9 GHz
r 4.5 Ohm
x 7.4 Ohm
0.8 GHz
r 7.6 Ohm
x 12 Ohm
0.94 GHz
r 1.5 Ohm
x 9.8 Ohm
S(2,2)
XP1053
August 2008 - Rev 17-Aug-08



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com