Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1066-SD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1066-SD
Description  1W, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1066-SD Datasheet(HTML) 2 Page - Mimix Broadband

  XP1066-SD Datasheet HTML 1Page - Mimix Broadband XP1066-SD Datasheet HTML 2Page - Mimix Broadband XP1066-SD Datasheet HTML 3Page - Mimix Broadband XP1066-SD Datasheet HTML 4Page - Mimix Broadband XP1066-SD Datasheet HTML 5Page - Mimix Broadband XP1066-SD Datasheet HTML 6Page - Mimix Broadband XP1066-SD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
C10
R4
C11
C10
R1
C6
R2
C5
C4
C3
C2
R5
C1
C8
C9
C7
Page 2 of 7
Evaluation Board Schematic
Evaluation Board Component Layout
ComponentValues
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
1800-2200 MHz
1W, High Linearity InGaP HBT Amplifier
XP1066-SD
Ref Designator
Value
Description
Manufactur
er
C1
3.9 pF
0402 3.9pF COG High Q
Murata
C2
10 pF
0402 10pF COG High Q
Murata
C3
100 pF
0402 100pF COG
Murata
C4, C5, C6
10 nF
0603 10nF X7R 50V
Murata
C7
100 uF
100 uF Tantalum Capacitor
AVX
C9, C10
20 pF
0402 20 pF Hi Q capacitor
Murata
C8
1.6 pF
1.6 pF 0402 Hi Q capacitor
Murata
C11
1.8 pF
1.8 pF 0402 Hi Q capacitor
Murata
R1
100 Ohm
0402 100 ohm resistor
VENKEL
R2, R2, R3, R4, R5
Zero ohm link
August 2008 - Rev 15-Aug-08



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com