Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1004-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1004-BD
Description  30.0-46.0 GHz GaAs MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1004-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XR1004-BD Datasheet HTML 1Page - Mimix Broadband XR1004-BD Datasheet HTML 2Page - Mimix Broadband XR1004-BD Datasheet HTML 3Page - Mimix Broadband XR1004-BD Datasheet HTML 4Page - Mimix Broadband XR1004-BD Datasheet HTML 5Page - Mimix Broadband XR1004-BD Datasheet HTML 6Page - Mimix Broadband XR1004-BD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Receiver Measurements
30.0-46.0 GHz GaAs MMIC
Receiver
XR1004-BD Vd1,2,3=4.0 V, Id1,2=50 mA, Id3=145 mA, USB
LO=+2.0 dBm, IF=2.0 GHz, RF=-20.0 dBm, ~1570 Devices
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XR1004-BD Vd1,2,3=4.0 V, Id1,2=50 mA, Id3=145 mA, LSB
LO=+2.0 dBm, IF=2.0 GHz, RF=-20.0 dBm, ~1570 Devices
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XR1004-BD Vd1,2,3=4.0 V, Id1,2=50 mA, Id3=145 mA, USB
LO=+2.0 dBm, IF=2.0 GHz, RF=-20.0 dBm, ~1570 Devices
-40
-35
-30
-25
-20
-15
-10
-5
0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
XR1004-BD Vd1,2,3=4.0 V, Id1,2=50 mA, Id3=145 mA, LSB
LO=+2.0 dBm, IF=2.0 GHz, RF=-20.0 dBm, ~1570 Devices
-35
-30
-25
-20
-15
-10
-5
0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
37.0
38.0
39.0
40.0
41.0
42.0
43.0
44.0
45.0
46.0
RF Frequency (GHz)
Max
Median
Mean
-3sigma
R1004-BD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
April 2009 - Rev 07-Apr-09
XR1004-BD (LSB, IF = 2 GHz, Pout_scl = -9 dBm): aver OIP3 vs RF
LO = -2 dBm (red) and +2 dBm (blue). 5 devices measured
0
2
4
6
8
10
12
14
16
18
20
22
24
32
33
34
35
36
37
38
39
40
RF Freq (GHz)
XR1004-BD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com