Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1007-QD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1007-QD
Description  10.0-18.0 GHz GaAs Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1007-QD Datasheet(HTML) 2 Page - Mimix Broadband

  XR1007-QD Datasheet HTML 1Page - Mimix Broadband XR1007-QD Datasheet HTML 2Page - Mimix Broadband XR1007-QD Datasheet HTML 3Page - Mimix Broadband XR1007-QD Datasheet HTML 4Page - Mimix Broadband XR1007-QD Datasheet HTML 5Page - Mimix Broadband XR1007-QD Datasheet HTML 6Page - Mimix Broadband XR1007-QD Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
Receiver Measurements
10.0-18.0 GHz GaAs Receiver
QFN, 7x7 mm
R1007-QD
XR1007-QD, Input P1dB (dBm)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XR1007-QD, Noise Figure (dB)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
11
12
13
14
15
16
17
18
RF (GHz) [IF=2GHz]
USB
LSB
XR1007-QD, Conversion Gain (dB)
0
2
4
6
8
10
12
14
16
18
20
10
11
12
13
14
15
16
17
18
Frequency (GHz)
USB
LSB
XR1007-QD, Image Rejection (dBc)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
17
18
Frequency (GHz)
USB
LSB
November 2010 - Rev 14-Nov-10
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com