Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1019-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1019-QH
Description  27.5-33.4 GHz GaAs Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1019-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XR1019-QH Datasheet HTML 1Page - Mimix Broadband XR1019-QH Datasheet HTML 2Page - Mimix Broadband XR1019-QH Datasheet HTML 3Page - Mimix Broadband XR1019-QH Datasheet HTML 4Page - Mimix Broadband XR1019-QH Datasheet HTML 5Page - Mimix Broadband XR1019-QH Datasheet HTML 6Page - Mimix Broadband XR1019-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
R1019-QH
Receiver Measurements
Page 2 of 7
XR1019-QH: LSB Noise Figure vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: USB Noise Figure vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: LSB Conv. Gain vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
2
4
6
8
10
12
14
16
18
20
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: USB Conv. Gain vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
0
2
4
6
8
10
12
14
16
18
20
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: LSB IIP3 vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
-10
-8
-6
-4
-2
0
2
4
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
XR1019-QH: USB IIP3 vs. Freq (GHz), Over Temp
Vd1,2,3=3 V;Id1=7.5mA,Id2=30mA,Id3=90mA,Vg4=-3V
-10
-8
-6
-4
-2
0
2
4
27
28
29
30
31
32
33
34
RF Input (GHz) [IF = 1 GHz]
+25C
+85C
-40C
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2011 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2011 - Rev 22-Mar-11
27.5-33.4 GHz GaAs Receiver
QFN, 4x4mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com