Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XU1014-QH Datasheet(PDF) 2 Page - Mimix Broadband

Part # XU1014-QH
Description  8.0-18.0 GHz Up-Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1014-QH Datasheet(HTML) 2 Page - Mimix Broadband

  XU1014-QH Datasheet HTML 1Page - Mimix Broadband XU1014-QH Datasheet HTML 2Page - Mimix Broadband XU1014-QH Datasheet HTML 3Page - Mimix Broadband XU1014-QH Datasheet HTML 4Page - Mimix Broadband XU1014-QH Datasheet HTML 5Page - Mimix Broadband XU1014-QH Datasheet HTML 6Page - Mimix Broadband XU1014-QH Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
8.0-18.0 GHz Up-Converter
QFN, 4x4mm
Page 2 of 7
Up-Converter Measurements
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2009 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
U1014-QH
XU1014-QH: Conversion Gain vs RF Frequency IF=2GHz, Vd1=4V,
Id1=65mA, Vg2=-2V,PLO=5dBm
-14
-12
-10
-8
-6
-4
-2
0
8
10
12
14
16
18
20
RF Frequency (GHz)
-40°C
+25°C
+75°C
XU1014-QH: Conversion Gain vs RF Frequency
IF=2GHz Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
8
10
12
14
16
18
20
RF Frequency (GHz)
-40°C
+25°C
+75°C
XU1014-QH: IIP3 vs RF Frequency
IF=2GHz, Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
0
5
10
15
20
25
30
35
8
10
12
14
16
18
20
RF Frequency (GHz)
-40°C
+25°C
+75°C
XU1014-QH: IIP3 vs RF Frequency
IF=2GHz, Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
0
5
10
15
20
25
30
8
10
12
14
16
18
20
RF Frequency (GHz)
-40°C
+25°C
+75°C
XU1014-QH: LO Leakage at RF vs LO Frequency
Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
LO Input Frequency (GHz)
-40°C
+25°C
+75°C
XU1014-QH: (x2)LO Leakage vs LO Frequency
Vd1=4V, Id1=65mA, Vg2=-2V,PLO=5dBm
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
8
10
12
14
16
18
20
LO Input Frequency (GHz)
-40°C
+25°C
+75°C
December 2009 - Rev 22-Dec-09



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com