Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88923KCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88923KCTR
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER Not recommended for new designs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923KCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88923KCTR Datasheet HTML 1Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 2Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 3Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 4Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 5Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY88923
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
LOS Assert and Deassert Levels
vs LOSLVL
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00
LOSLVL (V)
Deassert
Assert
Output Termination
The SY88923 outputs must be terminated with a 50Ω
load to VCC – 2V (or thevenin equivalent).
Layout and PCB Design
Since the SY88923 is a high-frequency component,
performance can largely be determined by board layout
and design. A common problem with high-gain amplifiers is
feedback from the large swing outputs to the input via power
supply.
The SY88923 ground pin should be connected to the
circuit board ground. Use multiple PCB vias close to the
part to connect to ground. Avoid long, inductive runs which
can degrade performance.
DESIGN PROCEDURE
Figure 3. LOSLVL Circut
Note:
Resistor Divider = R2/ (R1 + R2)
R1 + R2 ≥ 5kΩ
Figure 2. Differential Input Configuration
DIN+
DIN–
VREF
50Ω
50Ω
0.1µF
0.1µF
0.1µF
VCC
R1
R2
LOSLVL
VREF
PERFORMANCE CURVE
Figure 4. 223-1 Pattern
Figure 5. 223-1 Pattern
Resistor Divider R2 / (R1 + R2)
Deassert
Assert
LOS Assert and Deassert Levels
vs Resistor Divide
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
100.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com