Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XX1007-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XX1007-QT
Description  13.5-17.0/27.0-34.0 GHz Doubler
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1007-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XX1007-QT Datasheet HTML 1Page - Mimix Broadband XX1007-QT Datasheet HTML 2Page - Mimix Broadband XX1007-QT Datasheet HTML 3Page - Mimix Broadband XX1007-QT Datasheet HTML 4Page - Mimix Broadband XX1007-QT Datasheet HTML 5Page - Mimix Broadband XX1007-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Doubler Measurements
Page 2 of 6
13.5-17.0/27.0-34.0 GHz Doubler
QFN, 3X3mm
X1007-QT
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2010 - Rev 13-Mar-10
XX1007-QT: Pout at Fin and 2X Fin, Pin =10 dBm, Vd = 5V
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Input Frequency (GHz)
Pout @ Fin
Pout @ 2 X Fin
XX1007-QT: Pout at Fin and 2X Fin,Pin = 5 dBm, Vd = 5V
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Input Frequency (GHz)
Pout @ Fin
Pout @ 2 X Fin
XX1007-QT: Pout at Fin and 2X Fin, Pin = 0 dBm, Vd = 5V
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Input Frequency (GHz)
Pout @ Fin
Pout @ 2 X Fin
XX1007-QT: Pout Vs Pin,Vd = 5V, Input Frequency = 14.5 GHz
15
16
17
18
19
20
21
22
0
1
2
3
4
5
6
7
8
9
10
11
Pin (dBm)
Pout
XX1007-QT: Pout Vs Pin, Input Frequency = 14.5 GHz
15
16
17
18
19
20
21
22
23
0
1
2
3
4
5
6
7
8
9
10
11
Pin (dBm)
Pout @ 5V
Pout @ 4V
XX1007-QT:Pout at Fin and 2X Fin, Pin =3dBm, Vd = 5V
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
13
13.5
14
14.5
15
15.5
16
16.5
17
Input Frequency (GHz)
Pout @ Fin
Pout @ 2 X Fin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com