Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX02ES Datasheet(PDF) 1 Page - Littelfuse

Part # SX02ES
Description  New 1.5 Amp sensitive gate SCR series offers high static dv/dt with low
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SX02ES Datasheet(HTML) 1 Page - Littelfuse

  SX02ES Datasheet HTML 1Page - Littelfuse SX02ES Datasheet HTML 2Page - Littelfuse SX02ES Datasheet HTML 3Page - Littelfuse SX02ES Datasheet HTML 4Page - Littelfuse SX02ES Datasheet HTML 5Page - Littelfuse SX02ES Datasheet HTML 6Page - Littelfuse SX02ES Datasheet HTML 7Page - Littelfuse SX02ES Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
201
Revised:December22,201009:54AM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
EV Series 1.5 Amp Sensitive SCRs
Sx02xS Series
A
K
G
Sx02xS Series
Description
Applications
Main Features
Features
New 1.5 Amp sensitive gate SCR series offers high static
dv/dt with low turn off time (tq) through small die planar
construction design. All SCR’s junctions are glass-
passivated to ensure long term reliability and parametric
stability.
The Sx02xS EV series is specifically designed for Gas
Ignition applications that require high pulse surge current
capability.
Symbol
Value
Unit
I
T(RMS)
1.5
A
V
DRM /VRRM
400 to 600
V
I
GT
200
μA
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
I
T(RMS)
RMS on-state current
(full sine wave)
TO-92
T
C = 65°C
1.5
A
SOT-223
T
L = 95°C
I
T(AV)
Average on-state current
TO-92
T
C = 65°C
0.95
A
SOT-223
T
C = 95°C
I
TSM
Non repetitive surge peak on-state current
(Single cycle, T
J initial = 25°C)
TO-92
SOT-223
F = 50 Hz
12.5
A
F = 60 Hz
15.0
I2tI2t Value for fusing
t
p = 10 ms
F = 50 Hz
0.78
A2s
t
p = 8.3 ms
F = 60 Hz
0.93
di/dt
Critical rate of rise of on-state current IG = 10mA
TO-92
SOT-223
T
J = 125°C
50
A/μs
I
GM
Peak gate current
t
p = 10 μs
T
J = 125°C
1.0
A
P
G(AV)
Average gate power dissipation
T
J = 125°C
0.1
W
T
stg
Storage junction temperature range
-40 to 150
°C
T
J
Operating junction temperature range
-40 to 125
°C
Schematic Symbol
Halogen-Free
mount packages
capability > 15Amps
(V
DRM / VRRM )
capability — up to 600V
time (tq) < 35 μsec.
microprocessor interface
HF


Similar Part No. - SX02ES

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SX020V SMCDIODE-SX020V Datasheet
275Kb / 5P
Sensitive gate SCRs
Rev.-
SX020VTR SMCDIODE-SX020VTR Datasheet
275Kb / 5P
Sensitive gate SCRs
Rev.-
logo
Littelfuse
SX02XS LITTELFUSE-SX02XS Datasheet
1Mb / 10P
New 1.5 Amp sensitive gate SCR series offers high static
More results

Similar Description - SX02ES

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPN01N60C3 INFINEON-SPN01N60C3_05 Datasheet
7Mb / 9P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.2 2005-02-21
SPN03N60S5 INFINEON-SPN03N60S5_05 Datasheet
4Mb / 9P
New revolutionary high voltage technology Ultra low gate chargeExtreme dv/dt rated
Rev. 2.2 2005-02-21
SPP04N60S5 INFINEON-SPP04N60S5_07 Datasheet
1,001Kb / 11P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.6 2007-08-30
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPW11N80C3 INFINEON-SPW11N80C3_08 Datasheet
684Kb / 11P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 2.9 2008-10-15
SPP07N60C3 INFINEON-SPP07N60C3_09 Datasheet
625Kb / 15P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-11-27
SPP20N65C3 INFINEON-SPP20N65C3_09 Datasheet
622Kb / 15P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-12-01
SPP03N60C3 INFINEON-SPP03N60C3_09 Datasheet
599Kb / 14P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
SPP04N60C3 INFINEON-SPP04N60C3_09 Datasheet
594Kb / 14P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.1 2009-11-26
logo
Littelfuse
SX02XS LITTELFUSE-SX02XS Datasheet
1Mb / 10P
New 1.5 Amp sensitive gate SCR series offers high static
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com