Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP102N15T Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFP102N15T
Description  Trench Gate Power MOSFET HiperFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP102N15T Datasheet(HTML) 2 Page - IXYS Corporation

  IXFP102N15T Datasheet HTML 1Page - IXYS Corporation IXFP102N15T Datasheet HTML 2Page - IXYS Corporation IXFP102N15T Datasheet HTML 3Page - IXYS Corporation IXFP102N15T Datasheet HTML 4Page - IXYS Corporation IXFP102N15T Datasheet HTML 5Page - IXYS Corporation IXFP102N15T Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFA102N15T IXFH102N15T
IXFP102N15T
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS= 10V, ID = 0.5 • ID25, Note 1
50
80
S
C
iss
5220
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
685
pF
C
rss
95
pF
t
d(on)
20
ns
t
r
14
ns
t
d(off)
25
ns
t
f
22
ns
Q
g(on)
87
nC
Q
gs
V
GS= 10V, VDS = 0.5 • VDSS , ID = 25A
23
nC
Q
gd
31
nC
R
thJC
0.33
°C/W
R
thCH
(TO-220)
0.50
°C/W
(TO-247)
0.21
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
102
A
I
SM
Repetitive, Pulse Width Limited by T
JM
400
A
V
SD
I
F = 100A, VGS = 0V, Note 1
1.3
V
t
rr
120 ns
I
RM
6.2
A
Q
RM
236
nC
Note 1: Pulse test, t ≤ 300μs; duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • I
D25
R
G = 3.3Ω (External)
I
F = 51A, -di/dt = 100A/μs
V
R = 75V, VGS = 0V
Pins: 1 - Gate
2 - Drain
TO-220 (IXFP) Outline
∅ P
TO-247 (IXFH) Outline
1
2
3
Terminals: 1 - Gate 2 - Drain
3 - Source
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205
0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232
0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
TO-263 (IXFA) Outline



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com