Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP230N075T2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXFP230N075T2
Description  TrenchT2 HiperFET Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP230N075T2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXFP230N075T2 Datasheet HTML 1Page - IXYS Corporation IXFP230N075T2 Datasheet HTML 2Page - IXYS Corporation IXFP230N075T2 Datasheet HTML 3Page - IXYS Corporation IXFP230N075T2 Datasheet HTML 4Page - IXYS Corporation IXFP230N075T2 Datasheet HTML 5Page - IXYS Corporation IXFP230N075T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
IXFA230N075T2
IXFP230N075T2
Fig. 14. Resistive Turn-on Rise Time vs.
Drain Current
10
12
14
16
18
20
22
110
120
130
140
150
160
170
180
190
200
210
220
230
ID - Amperes
TJ = 25ºC
TJ = 125ºC
RG = 2Ω , VGS = 10V
VDS = 38V
Fig. 15. Resistive Turn-on Switching Times vs.
Gate Resistance
5
10
15
20
25
30
35
40
45
50
2
4
6
8
10
12
14
16
RG - Ohms
10
15
20
25
30
35
40
45
50
55
t r
td(on) - - - -
TJ = 125ºC, VGS = 10V
VDS = 38V
I D = 230A, 115A
Fig. 16. Resistive Turn-off Switching Times vs.
Junction Temperature
10
12
14
16
18
20
22
24
26
28
30
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
15
20
25
30
35
40
45
50
55
60
65
t f
td(off) - - - -
RG = 2Ω, VGS = 10V
VDS = 38V
I D = 115A
I D = 230A
Fig. 17. Resistive Turn-off Switching Times vs.
Drain Current
10
12
14
16
18
20
22
24
26
110
120
130
140
150
160
170
180
190
200
210
220
230
ID - Amperes
20
25
30
35
40
45
50
55
60
t f
td(off) - - - -
RG = 2Ω, VGS = 10V
VDS = 38V
TJ = 25ºC
TJ = 125ºC
Fig. 13. Resistive Turn-on Rise Time vs.
Junction Temperature
10
12
14
16
18
20
22
24
26
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
RG = 2Ω , VGS = 10V
VDS = 38V
I D = 115A
I D = 230A
Fig. 18. Resistive Turn-off Switching Times vs.
Gate Resistance
0
40
80
120
160
200
240
280
2
4
6
8
10
12
14
16
RG - Ohms
0
40
80
120
160
200
240
280
t f
td(off) - - - -
TJ = 125ºC, VGS = 10V
VDS = 38V
I D = 230A
I D = 115A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com