Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFC14N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFC14N80P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS 220
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFC14N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFC14N80P Datasheet HTML 1Page - IXYS Corporation IXFC14N80P Datasheet HTML 2Page - IXYS Corporation IXFC14N80P Datasheet HTML 3Page - IXYS Corporation IXFC14N80P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
800
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C8
A
I
DM
T
C = 25°C, pulse width limited by TJM
40
A
I
AR
T
C = 25°C7
A
E
AR
T
C = 25°C30
mJ
E
AS
T
C = 25°C
1.2
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 5 Ω
P
D
T
C = 25°C
130
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
V
ISOL
50/60 Hz, RMS, t = 1, leads-to-tab
2500
V~
F
C
Mounting Force
11..65/2.5..15
N/lb
Weight
2g
G = Gate
D = Drain
S = Source
DS99594E(07/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA
800
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
3.0
5.5
V
I
GSS
V
GS = ±30 V, VDS = 0 V
±100
nA
I
DSS
V
DS
= V
DSS
25
μA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 7 A
770
m
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
V
DSS
=
800
V
I
D25
=
8
A
R
DS(on) ≤
≤≤≤≤ 770 mΩ
Ω
Ω
Ω
Ω
trr
≤≤≤≤≤ 250 ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
ISOPLUS220TM (IXFC)
E153432
G
D
S
(Isolated Tab)
Features
Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
Low drain to tab capacitance(<30pF)
Applications
DC-DC converters
Battery chargers
Switched-mode and resonant-mode
power supplies
DC choppers
AC motor control
Advantages
Easy assembly
Space savings
High power density
IXFC 14N80P
PolarHVTM HiPerFET
Power MOSFET
ISOPLUS 220TM
(Electrically Isolated Tab)


Similar Part No. - IXFC14N80P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFC14N80P ISC-IXFC14N80P Datasheet
324Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFC14N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC26N50P IXYS-IXFC26N50P Datasheet
180Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS 220
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com