Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFH12N80P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFH12N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH12N80P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFH12N80P Datasheet HTML 1Page - IXYS Corporation IXFH12N80P Datasheet HTML 2Page - IXYS Corporation IXFH12N80P Datasheet HTML 3Page - IXYS Corporation IXFH12N80P Datasheet HTML 4Page - IXYS Corporation IXFH12N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH12N80P IXFQ12N80P
IXFV12N80P IXFV12N80PS
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
V
DS
= 20 V; I
D = 0.5 ID25, Note 1
8
14
S
C
iss
2800
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
210
pF
C
rss
19
pF
t
d(on)
23
ns
t
r
V
GS
= 10 V, V
DS = 0.5 VDSS, ID = ID25
26
ns
t
d(off)
R
G
= 5
Ω (External)
70
ns
t
f
25
ns
Q
g(on)
51
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 VDSS, ID = 0.5 ID25
13
nC
Q
gd
19
nC
R
thJC
0.35
°C/W
R
thCS
(TO-247 & TO-3P)
0.21
°C/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
Min.
Typ.
Max.
I
S
V
GS = 0 V
12
A
I
SM
Repetitive
36
A
V
SD
I
F = IS, VGS = 0 V, Note 1
1.5
V
t
rr
I
S = 12 A, VGS = 0 V
200
250
ns
Q
rm
-di/dt = 100 A/
μs, V
R = 100 V
0.8
μC
I
rm
4
Α
Note 1: Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
IXYS MOSFETs and IGBTs are covered by 4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2
6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-247 (IXFH) Outline
1
2
3
Terminals: 1 - Gate
2 - Drain
3 - Source
Tab - Drain
TO-3P (IXFQ) Outline



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com