Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFV12N80P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFV12N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV12N80P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFV12N80P Datasheet HTML 1Page - IXYS Corporation IXFV12N80P Datasheet HTML 2Page - IXYS Corporation IXFV12N80P Datasheet HTML 3Page - IXYS Corporation IXFV12N80P Datasheet HTML 4Page - IXYS Corporation IXFV12N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2006 IXYS All rights reserved
Fig. 2. Exte nde d Output Char acte r is tics
@ 25
ºC
0
4
8
12
16
20
24
0
3
6
9
12
15
18
21
24
27
30
V D S - V olts
VGS = 10V
7V
5V
6V
Fig. 3. Output Char acte r is tics
@ 125
ºC
0
2
4
6
8
10
12
0
4
8
12
162024
V D S - V olts
VGS = 10V
7V
6V
5V
Fig. 1. Output Char acte r is tics
@ 25
ºC
0
2
4
6
8
10
12
02
46
8
10
12
V D S - V olts
VGS = 10V
7V
5V
6V
Fig. 4. RDS(on
) No r m aliz e d to 0.5 ID 25
V alue vs . Junction Te m pe r atur e
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 12A
ID = 6A
VGS = 10V
Fig. 6. Dr ain Cur r e nt vs . Cas e
Te m pe r atur e
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Norm alize d to
0.5 ID25 V alue vs . ID
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
0
2468
10
12
14
16
18
20
22
24
I D - A mperes
TJ = 125º C
TJ = 25º C
VGS = 10V
IXFH12N80P IXFQ12N80P
IXFV12N80P IXFV12N80PS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com