Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFV12N90PS Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFV12N90PS
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV12N90PS Datasheet(HTML) 1 Page - IXYS Corporation

  IXFV12N90PS Datasheet HTML 1Page - IXYS Corporation IXFV12N90PS Datasheet HTML 2Page - IXYS Corporation IXFV12N90PS Datasheet HTML 3Page - IXYS Corporation IXFV12N90PS Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS100056(10/08)
V
DSS
= 900V
I
D25
= 12A
R
DS(on)
≤≤≤≤≤ 900mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 300ns
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
International standard packages
Avalanche Rated
Low package inductance
Fast intrinsic diode
Advantages
Easy to mount
Space savings
High power density
Applications:
Switched-mode and resonant-mode
power supplies
DC-DC Converters
Laser Drivers
AC and DC motor drives
Robotics and servo controls
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
900
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
900
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C12
A
I
DM
T
C = 25°C, pulse width limited by TJM
24
A
I
A
T
C = 25°C6
A
E
AS
T
C = 25°C
500
mJ
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
15
V/ns
P
D
T
C = 25°C
380
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
T
SOLD
Plastic body for 10s
260
°C
M
d
Mounting torque (TO-247)
1.13/10
Nm/lb.in.
F
C
Mounting force (PLUS220)
11..65/2.5..14.6
N/lb.
Weight
TO-247
6
g
PLUS220 types
4
g
IXFH12N90P
IXFV12N90P
IXFV12N90PS
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
900
V
V
GS(th)
V
DS = VGS, ID = 1mA
3.5
6.5
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS
25
μA
V
GS = 0V
T
J = 125°C
1 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
900 m
Ω
PolarTM Power MOSFET
HiPerFETTM
Preliminary Technical Information
G = Gate
D
= Drain
S = Source
TAB = Drain
G
S
D (TAB)
PLUS220SMD (IXFV_S)
TO-247 (IXFH)
PLUS220 (IXFV)
G
D
S
D (TAB)
D (TAB)


Similar Part No. - IXFV12N90PS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFV12N90PS IXYS-IXFV12N90PS Datasheet
234Kb / 5P
Power MOSFET
More results

Similar Description - IXFV12N90PS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com