Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFV14N80P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFV14N80P
Description  PolarHV HiPerFET Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFV14N80P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFV14N80P Datasheet HTML 1Page - IXYS Corporation IXFV14N80P Datasheet HTML 2Page - IXYS Corporation IXFV14N80P Datasheet HTML 3Page - IXYS Corporation IXFV14N80P Datasheet HTML 4Page - IXYS Corporation IXFV14N80P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 175°C
800
V
V
DGR
T
J
= 25
°C to 175°C; R
GS = 1 MΩ
800
V
V
GS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C14
A
I
DM
T
C = 25°C, pulse width limited by TJM
40
A
I
AR
T
C = 25°C7
A
E
AR
T
C = 25°C30
mJ
E
AS
T
C = 25°C
500
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 5 Ω
P
D
T
C = 25°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque (TO-247, TO-3P)
1.13/10 Nm/lb.in.
Weight
PLUS220, PLUS220 SMD
2
g
TO-268, TO-3P
5.5
g
TO-247
6
g
G = Gate
D = Drain
S = Source
TAB = Drain
DS99593E(07/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250μA
800
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
3.0
5.5
V
I
GSS
V
GS = ±30 V, VDS = 0 V
±100
nA
I
DSS
V
DS
= V
DSS
25
μA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25
720 m
Ω
Pulse test, t
≤ 300 μs, duty cycle d ≤ 2 %
PolarHVTM HiPerFET
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
Features
International standard packages
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
IXFH 14N80P
IXFQ 14N80P
IXFT 14N80P
IXFV 14N80P
IXFV 14N80PS
V
DSS
= 800
V
I
D25
=
14
A
R
DS(on)
≤≤≤≤≤ 720 mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250 ms
TO-247 (IXFH)
G
S
G
S
D
PLUS220 (IXFV)
D (TAB)
G
S
PLUS220SMD (IXFV...S)
D (TAB)
D (TAB)
D (TAB)
(TAB)
G
S
D
TO-3P (IXFQ)
TO-268 (IXFT)


Similar Part No. - IXFV14N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFV10N100P IXYS-IXFV10N100P Datasheet
183Kb / 4P
Polar Power MOSFET HiPerFET
IXFV10N100PS IXYS-IXFV10N100PS Datasheet
183Kb / 4P
Polar Power MOSFET HiPerFET
IXFV110N10P IXYS-IXFV110N10P Datasheet
314Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFV110N10PS IXYS-IXFV110N10PS Datasheet
314Kb / 5P
PolarHT HiPerFET Power MOSFET
IXFV110N25T IXYS-IXFV110N25T Datasheet
191Kb / 5P
Trench Gate Power HiperFET
More results

Similar Description - IXFV14N80P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFC30N60P IXYS-IXFC30N60P Datasheet
141Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFC36N50P IXYS-IXFC36N50P Datasheet
254Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFH44N50P IXYS-IXFH44N50P Datasheet
301Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN80N50P IXYS-IXFN80N50P Datasheet
162Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFA16N50P IXYS-IXFA16N50P Datasheet
221Kb / 4P
PolarHV HiperFET Power MOSFET
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com