Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFH40N50Q2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFH40N50Q2
Description  HiPerFET Power MOSFETs Q2-Class
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH40N50Q2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH40N50Q2_08 Datasheet HTML 1Page - IXYS Corporation IXFH40N50Q2_08 Datasheet HTML 2Page - IXYS Corporation IXFH40N50Q2_08 Datasheet HTML 3Page - IXYS Corporation IXFH40N50Q2_08 Datasheet HTML 4Page - IXYS Corporation IXFH40N50Q2_08 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH40N50Q2
Fig. 11. Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
1020304050
60708090 100 110
Q G - nanoCoulombs
VDS = 250V
ID = 20A
IG = 10mA
Fig. 7. Input Admittance
0
5
10
15
20
25
30
35
40
45
50
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VG S - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
30
35
40
45
50
55
60
65
I D - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 9. Source Current vs. Source-To-Drain
Voltage
0
10
20
30
40
50
60
70
80
90
100
110
120
0.40.50.60.70.8
0.91.01.1
1.2
VS D - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 12. Forward-Bias Safe Operating Area
1
10
100
1000
10
100
1000
VD S - Volts
100µs
1m s
DC
TJ = 150ºC
TC = 25ºC
Single Puls e
RDS(on) Limit
10m s
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com