Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX66N50Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX66N50Q2
Description  HiPerFET Power MOSFETs Q2-Class
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX66N50Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX66N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFX66N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFX66N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFX66N50Q2 Datasheet HTML 4Page - IXYS Corporation IXFX66N50Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2008 IXYS CORPORATION,All rights reserved
IXFK66N50Q2
IXFX66N50Q2
Fig. 2. Extended Output Characteristics
@ 25
°C
0
20
40
60
80
100
120
140
160
02
46
8
10
12
14
16
18
20
VD S - Volts
7V
VGS = 10V
8V
5V
6V
Fig. 3. Output Characteristics
@ 125
°C
0
10
20
30
40
50
60
70
0246
8
10
12
14
VD S - Volts
VGS = 10V
7V
6V
3.5V
4.5V
5V
Fig. 1. Output Characteristics
@ 25
°C
0
10
20
30
40
50
60
70
01234
567
VD S - Volts
VGS = 10V
8V
7V
6V
4.5V
5V
5.5V
Fig. 4. RDS(on) Normalized to 0.5 ID25 Value
vs. Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
I D = 66A
I D = 33A
VGS = 10V
Fig. 6. Drain Current vs. Case
Temperature
0
10
20
30
40
50
60
70
-50
-25
0
255075
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to 0.5 ID25 Value
vs. ID
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
20406080
100
120
140
160
I D - Amperes
TJ = 125°C
TJ = 25°C
VGS = 10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com