Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX74N50P2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX74N50P2
Description  PolarP2 HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX74N50P2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX74N50P2 Datasheet HTML 1Page - IXYS Corporation IXFX74N50P2 Datasheet HTML 2Page - IXYS Corporation IXFX74N50P2 Datasheet HTML 3Page - IXYS Corporation IXFX74N50P2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25°C
74
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
185
A
I
A
T
C = 25°C74
A
E
AS
T
C = 25°C3
J
P
D
T
C = 25°C
1400
W
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
30
V/ns
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
500
V
V
GS(th)
V
DS = VGS, ID = 4mA
3.0
5.0
V
I
GSS
V
GS = ± 30V, VDS = 0V
± 100 nA
I
DSS
V
DS = VDSS, VGS= 0V
10
μA
T
J = 125°C
1.5 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
77 m
Ω
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFK74N50P2
IXFX74N50P2
V
DSS
= 500V
I
D25
= 74A
R
DS(on) ≤
≤≤≤≤ 77m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 250ns
DS100252(03/10)
Advance Technical Information
PolarP2TM HiPerFETTM
Power MOSFET
Features
International Standard Packages
Dynamic dv/dt Rating
Avalanche Rated
Fast Intrinsic Diode
Low Q
G and RDS(on)
Low Drain-to-Tab Capacitance
Low Package Inductance
Advantages
Easy to Mount
Space Savings
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
Uninterrupted Power Supplies
AC Motor Drives
High Speed Power Switching
Applications
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXFX)
Tab
G
D
S
TO-264 (IXFK)
S
G
D
Tab


Similar Part No. - IXFX74N50P2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFX74N50 ISC-IXFX74N50 Datasheet
367Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFX74N50P2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXFB120N50P2 IXYS-IXFB120N50P2 Datasheet
148Kb / 5P
PolarP2 HiPerFET Power MOSFET
IXFH42N50P2 IXYS-IXFH42N50P2 Datasheet
132Kb / 4P
PolarP2 HiperFET Power MOSFET
IXFH52N50P2 IXYS-IXFH52N50P2 Datasheet
132Kb / 4P
PolarP2 HiperFET Power MOSFET
IXFK94N50P2 IXYS-IXFK94N50P2 Datasheet
136Kb / 5P
PolarP2 HiPerFET Power MOSFET
IXFQ24N50P2 IXYS-IXFQ24N50P2 Datasheet
127Kb / 5P
PolarP2 HiperFET Power MOSFET
IXTQ460P2 IXYS-IXTQ460P2 Datasheet
159Kb / 6P
PolarP2??Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com