Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1505WN Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # KBPC1505WN
Description  High forward surge current capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

KBPC1505WN Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  KBPC1505WN Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. KBPC1505WN Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MASTER INSTRUMENT CORPORATION
KBPC1505WN THRU KBPC1510WN
VOLTAGE RANGE
CURRENT
50 to 1000 Volts
15 Amperes
Web Site:
FEATURES
l Low cost
l This series is UL recognized under component
index, file number E127707
l High forward surge current capability
l Integrally molded heatsink provide very low thermal resistance
l High isolation voltage from case to lugs
l High temperature soldering guaranteed:
260
oC/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
l Case: Molded plastic body
l Terminal: Lead solderable per MIL-STD-202E
method 208C.
l Polarity: Polarity symbols molded on case
l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max.
l Weight:0. 47ounce, 13.4 grams
0.042( 1.10) DIA
0.038( 0.97) TYP
0.78( 19.8) MIN
0.32( 8.2)
0.30( 7.8)
0.47( 11.9)
0.43( 10.9)
0.732( 18.6)
0.692( 17.6)
1.13( 28.8)
1.11( 28.2)
0.732( 18.6)
0.692( 17.6)
-
+
AC
AC
EXOPY CASE
METAL HEAT SINK
0.205( 5.2)
0.197( 5.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
SYMBOLS
KBPC
15005WN
KBPC
1501WN
KBPC
1502WN
KBPC
1504WN
KBPC
1506WN
KBPC
1508WN
KBPC
1510WN
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward
Rectified Output Current, at TC=55℃(Note1, 2)
I(AV)
15
Amps
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
300
Amps
Rating for Fusing(t<8.3ms)
I
2T
373
A
2S
Maximum Instantaneous Forward Voltage at 7.5A
VF
1.1
Volts
TA=25℃
10
µAmps
Maximum DC Reverse Current at rated
DC blocking voltage
TA=150℃
IR
1.0
mAmps
Isolation Voltage from case to lug
VISO
2500
VAC
Typical Thermal Resistance (Note 1,2)
RθJC
2.0
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTES:
1.
Unit mounted on 5”×4”×3” thick (12.8mm×10.2mm×7.3mm) Al. plate.
2.
Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
WWW.PS-PFS.COM


Similar Part No. - KBPC1505WN

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
KBPC1505WN MIC-KBPC1505WN Datasheet
103Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
KBPC1505WN PFS-KBPC1505WN Datasheet
217Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBPC1505WN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
KBL005 PFS-KBL005_1 Datasheet
257Kb / 2P
High forward surge current capability
KBPC2505NW PFS-KBPC2505NW_1 Datasheet
215Kb / 2P
High forward surge current capability
KBPC15005N PFS-KBPC15005N_1 Datasheet
220Kb / 2P
High forward surge current capability
KBPC25005W PFS-KBPC25005W_1 Datasheet
215Kb / 2P
High forward surge current capability
logo
DIOTEC Electronics Corp...
1N4001S DEC-1N4001S Datasheet
666Kb / 2P
High forward surge current capability
6A05 DEC-6A05 Datasheet
784Kb / 2P
High forward surge current capability
UF4001 DEC-UF4001 Datasheet
660Kb / 2P
High forward surge current capability
logo
Mospec Semiconductor
KBU804 MOSPEC-KBU804 Datasheet
177Kb / 2P
High forward surge current capability
logo
Micro Commercial Compon...
SMD12HE MCC-SMD12HE Datasheet
402Kb / 3P
High surge forward current capability
UD2KB05 MCC-UD2KB05 Datasheet
488Kb / 3P
High surge forward current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com