Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN30N110P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN30N110P
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN30N110P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN30N110P Datasheet HTML 1Page - IXYS Corporation IXFN30N110P Datasheet HTML 2Page - IXYS Corporation IXFN30N110P Datasheet HTML 3Page - IXYS Corporation IXFN30N110P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN30N110P
IXYS REF: F_30N110P(96) 04-01-08-A
Fig. 12. Maximum Transient Thermal
Impedance
0.001
0.010
0.100
1.000
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 7. Input Admittance
0
5
10
15
20
25
30
35
40
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
5
10
15
20
25
30
35
40
45
50
55
0
5
10
15
20
25
30
35
40
45
50
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
10
20
30
40
50
60
70
80
90
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
QG - NanoCoulombs
VDS = 550V
I D = 15A
I G = 10mA
Fig. 11. Capacitance
10
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com