Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFN38N100P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN38N100P
Description  Polar Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN38N100P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN38N100P Datasheet HTML 1Page - IXYS Corporation IXFN38N100P Datasheet HTML 2Page - IXYS Corporation IXFN38N100P Datasheet HTML 3Page - IXYS Corporation IXFN38N100P Datasheet HTML 4Page - IXYS Corporation IXFN38N100P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFN38N100P
Fig. 1. Output Characteristics
@ 25ºC
0
5
10
15
20
25
30
35
40
01
23
45
6
7
8
VDS - Volts
VGS = 15V
11V
10V
7V
8V
9V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
VDS - Volts
VGS = 15V
11V
8V
9V
10V
Fig. 3. Output Characteristics
@ 125ºC
0
5
10
15
20
25
30
35
40
02
46
8
10
12
14
16
18
VDS - Volts
VGS = 15V
10V
8V
6V
7V
9V
Fig. 4. RDS(on) Normalized to ID = 19A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 38A
I D = 19A
Fig. 5. RDS(on) Normalized to ID = 19A Value vs. Drain
Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0
1020
304050
60
7080
90
ID - Amperes
VGS = 10V
15V
- - - -
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
IXYS REF: F_38N100P(99)7-14-09-D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com