Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP05N100M Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFP05N100M
Description  High Voltage HiperFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP05N100M Datasheet(HTML) 4 Page - IXYS Corporation

  IXFP05N100M Datasheet HTML 1Page - IXYS Corporation IXFP05N100M Datasheet HTML 2Page - IXYS Corporation IXFP05N100M Datasheet HTML 3Page - IXYS Corporation IXFP05N100M Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXFP05N100M
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS REF: T_05N100M(1TM)7-29-08
Fig. 11. Maximum Transient Thermal Impedance
0.1
1.0
10.0
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width - Seconds
Fig. 7. Transconductance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Forward Voltage Drop of
Intrinsic Diode
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 9. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
01
234
56
78
QG - NanoCoulombs
VDS = 500V
I D = 1A
I G = 1mA
Fig. 10. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com