Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8883 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8883
Description  Capacitive proximity switch with auto-calibration, large voltage operating
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8883 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8883 Datasheet HTML 4Page - NXP Semiconductors PCF8883 Datasheet HTML 5Page - NXP Semiconductors PCF8883 Datasheet HTML 6Page - NXP Semiconductors PCF8883 Datasheet HTML 7Page - NXP Semiconductors PCF8883 Datasheet HTML 8Page - NXP Semiconductors PCF8883 Datasheet HTML 9Page - NXP Semiconductors PCF8883 Datasheet HTML 10Page - NXP Semiconductors PCF8883 Datasheet HTML 11Page - NXP Semiconductors PCF8883 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PCF8883
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 March 2011
8 of 25
NXP Semiconductors
PCF8883
Capacitive proximity switch with auto-calibration
8.2 Voltage regulator
The PCF8883 implements a chip-internal voltage regulator supplied by pin VDD that
provides an internal supply (VDD(INTREGD)) limited to a maximum of 4.6 V. The lock-in
voltage Vlockin on VDD is typically 4.0 V. The regulated supply is available at pin
VDD(INTREGD) and can be used to supply power to external electronic components (at a
maximum current of 0.5 mA). Figure 6 shows the relationship between VDD and
VDD(INTREGD).
Fig 5.
Switching modes timing diagram of PCF8883
013aaa077
Capacitance
on input
OUT
(push-button)
OUT
(toggle)
OUT
(pulse)
t
t
t
t
tclk(H) = CTYPE · 2 ms/nF
tclk(H) = CTYPE · 2 ms/nF
tclk(H) = CTYPE · 2 ms/nF
Fig 6.
Integrated voltage regulator
013aaa078
operational range of PCF8883
VDD(max)
Vlockin(max)
Vlockin(min)
VDD(INTREGD)
VDD(INTREGD)
VDD
D
VDD
VDD(min)
VDD(max)
Vlockin(max)
Vlockin(min)
VDD(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com