Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFR48N60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR48N60P
Description  PolarHV HiPerFET Power MOSFET ISOPLUS247
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR48N60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR48N60P Datasheet HTML 1Page - IXYS Corporation IXFR48N60P Datasheet HTML 2Page - IXYS Corporation IXFR48N60P Datasheet HTML 3Page - IXYS Corporation IXFR48N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2006 IXYS All rights reserved
DS99184E(12/05)
IXFR 48N60P
V
DSS
= 600
V
I
D25
=
32 A
R
DS(on)
≤≤≤≤≤ 150 mΩ
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200 ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
600
V
V
GS(th)
V
DS = VGS, ID = 8 mA
3.0
5.0
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±200
nA
I
DSS
V
DS = VDSS
25
µA
V
GS = 0 V
T
J = 125° C
1000
µA
R
DS(on)
V
GS = 10 V, ID = IT
150
m
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J = 25° C to 150° C
600
V
V
DGR
T
J = 25° C to 150° C; RGS = 1 MΩ
600
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25° C32
A
I
DM
T
C = 25° C, pulse width limited by TJM
110
A
I
AR
T
C = 25° C32
A
E
AR
T
C = 25° C70
mJ
E
AS
T
C = 25° C
2.0
J
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
20
V/ns
T
J ≤150° C, RG = 4 Ω
P
D
T
C = 25° C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
° C
V
ISOL
50/60 Hz, RMS, 1 minute
2500
V~
F
C
Mounting Force
20..120 / 4.5..26
N/lb.
Weight
5g
G = Gate
D = Drain
S = Source
ISOLATED TAB
G
D
S
ISOPLUS247 (IXFR)
E153432
Features
l International standard isolated
package
l UL recognized package
l Silicon chip on Direct-Copper-Bond
substrate
- High power dissipation
- Isolated mounting surface
- 2500V electrical isolation
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
l
Fast intrinsic diode
Advantages
l
Easy to mount
l
Space savings
l
High power density
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
PolarHVTM HiPerFET
Power MOSFET
ISOPLUS247TM
(Electrically Isolated Back Surface)


Similar Part No. - IXFR48N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR48N60Q3 IXYS-IXFR48N60Q3 Datasheet
149Kb / 5P
Advance Technical Information
More results

Similar Description - IXFR48N60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR44N50P IXYS-IXFR44N50P Datasheet
152Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFH20N80P IXYS-IXFH20N80P Datasheet
331Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN48N60P IXYS-IXFN48N60P Datasheet
90Kb / 4P
PolarHV HiPerFET Power MOSFET
IXFN82N60P IXYS-IXFN82N60P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFN100N50P IXYS-IXFN100N50P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET
IXFR24N100 IXYS-IXFR24N100_08 Datasheet
118Kb / 4P
HiPerFET Power MOSFET ISOPLUS247
IXFR32N80P IXYS-IXFR32N80P Datasheet
155Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR80N50P IXYS-IXFR80N50P Datasheet
155Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFR180N15P IXYS-IXFR180N15P Datasheet
158Kb / 5P
PolarHV HiPerFET Power MOSFET ISOPLUS247
IXFI7N80P IXYS-IXFI7N80P Datasheet
146Kb / 4P
PolarHV HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com