Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFX32N50 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFX32N50
Description  HiPerFET Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX32N50 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFX32N50 Datasheet HTML 1Page - IXYS Corporation IXFX32N50 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
500
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C32
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
120
A
I
AR
T
C
= 25
°C32
A
E
AS
T
C
= 25
°C
1.5
J
E
AR
T
C
= 25
°C45
mJ
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
V/ns
T
J
£ 150°C, R
G = 2 W
P
D
T
C
= 25
°C
360
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
Weight
6
g
HiPerFETTM Power MOSFET
N-Channel Enhancement Mode
High dv/dt, Low t
rr, HDMOS
TM Family
PLUS 247
Features
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Unclamped Inductive Switching (UIS)
rated
• Fast intrinsic rectifier
Applications
• DC-DC converters
• Battery chargers
• Switched-mode and resonant-mode
power supplies
• DC choppers
• AC motor control
Advantages
• Easy assembly
• Space savings
• High power density
G = Gate
D = Drain
S = Source
98719A (7/00)
IXFX 32N50
V
DSS
=
500 V
I
D25
=
32 A
R
DS(on) =
0.15
W
t
rr £ 250 ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS= 0 V, ID = 1 mA
500
V
V
DSS
temperature coefficient
0.102
%/K
V
GS(th)
V
DS= VGS, ID = 4 mA
2
4
V
V
GS(th) temperature coefficient
-0.206
%/K
I
GSS
V
GS= ±20 VDC, VDS = 0
±100 nA
I
DSS
V
DS= 0.8 • VDSS
T
J =
25
°C
200
mA
V
GS= 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 15A
0.15
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
Preliminary data sheet
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IXFX32N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFX32N50 ISC-IXFX32N50 Datasheet
367Kb / 2P
isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFX32N50Q IXYS-IXFX32N50Q Datasheet
114Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFX32N50Q IXYS-IXFX32N50Q Datasheet
580Kb / 4P
HiPerFET Power MOSFETs Q-Class
IXFX32N50Q IXYS-IXFX32N50Q Datasheet
580Kb / 4P
HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFX32N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN170N10 IXYS-IXFN170N10 Datasheet
145Kb / 4P
HiPerFET Power MOSFET
IXFN150N15 IXYS-IXFN150N15 Datasheet
70Kb / 2P
HiPerFET Power MOSFET
IXFH22N55 IXYS-IXFH22N55 Datasheet
69Kb / 4P
HiPerFET Power MOSFET
IXFN72N55Q2 IXYS-IXFN72N55Q2 Datasheet
560Kb / 4P
HiPerFET Power MOSFET
IXFN55N50 IXYS-IXFN55N50 Datasheet
121Kb / 4P
HiPerFET Power MOSFET
IXFK32N60 IXYS-IXFK32N60 Datasheet
192Kb / 4P
HiPerFET Power MOSFET
IXFN43N60 IXYS-IXFN43N60 Datasheet
82Kb / 2P
HiPerFET Power MOSFET
IXFN24N100 IXYS-IXFN24N100_08 Datasheet
113Kb / 4P
HiPerFET Power MOSFET
IXFN150N10 IXYS-IXFN150N10 Datasheet
74Kb / 2P
HiPerFET Power MOSFET
IXFF24N100 IXYS-IXFF24N100_06 Datasheet
182Kb / 4P
HiPerFET Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com