Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP16N60B2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGP16N60B2
Description  HiPerFAST IGBTs B2-Class High Speed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60B2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGP16N60B2 Datasheet HTML 1Page - IXYS Corporation IXGP16N60B2 Datasheet HTML 2Page - IXYS Corporation IXGP16N60B2 Datasheet HTML 3Page - IXYS Corporation IXGP16N60B2 Datasheet HTML 4Page - IXYS Corporation IXGP16N60B2 Datasheet HTML 5Page - IXYS Corporation IXGP16N60B2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Fig. 12. Inductive Switching Energy Loss vs.
Gate Resistance
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
20
30
40
50
60
70
80
90
100
RG - Ohms
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
Fig. 15. Inductive Turn-off Switching Times vs.
Gate Resistance
100
110
120
130
140
150
160
170
180
190
20
30
40
50
60
70
80
90
100
RG - Ohms
60
90
120
150
180
210
240
270
300
330
t f i
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 24A
I C = 12A
Fig. 13. Inductive Switching Energy Loss vs.
Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
12
13
14
15
16
17
18
19
20
21
22
23
24
IC - Amperes
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Eoff
Eon - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 14. Inductive Switching Energy Loss vs.
Junction Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Eoff
Eon - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
I C = 12A
I C = 24A
Fig. 16. Inductive Turn-off Switching Times vs.
Collector Current
40
60
80
100
120
140
160
180
200
12
13
14
15
16
17
18
19
20
21
22
23
24
IC - Amperes
40
60
80
100
120
140
160
180
200
t f i
td(off) - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC
Fig. 17. Inductive Turn-off Switching Times vs.
Junction Temperature
40
60
80
100
120
140
160
180
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
40
60
80
100
120
140
160
180
t f i
td(on) - - - -
RG = 22Ω , VGE = 15V
VCE = 400V
I C = 24A, 12A
IXGA16N60B2
IXGP16N60B2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com