Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP16N60C2D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP16N60C2D1
Description  HiPerFAST IGBTs C2-Class High Speed w/ Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP16N60C2D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP16N60C2D1 Datasheet HTML 1Page - IXYS Corporation IXGP16N60C2D1 Datasheet HTML 2Page - IXYS Corporation IXGP16N60C2D1 Datasheet HTML 3Page - IXYS Corporation IXGP16N60C2D1 Datasheet HTML 4Page - IXYS Corporation IXGP16N60C2D1 Datasheet HTML 5Page - IXYS Corporation IXGP16N60C2D1 Datasheet HTML 6Page - IXYS Corporation IXGP16N60C2D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA16N60C2D1
IXGP16N60C2D1
IXGH16N60C2D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.
Reverse Diode (FRED)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 10A, VGE = 0V, Note 1
3.0
V
T
J = 125°C
1.7
V
I
RM
2.5
A
t
rr
110
ns
t
rr
30
ns
R
thJC
2.5 °C/W
I
F = 12A, VGE = 0V,
-di
F/dt = 100A/μs, VR = 100V, TJ = 125°C
I
F = 1A, VGE = 0V, -diF/dt = 100A/μs, VR = 30V
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 12A, VCE = 10V, Note 1
8
S
C
ies
657
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
72
pF
C
res
22
pF
Q
g(on)
25
nC
Q
ge
I
C = 12A, VGE = 15V, VCE = 0.5 • VCES
5
nC
Q
gc
13
nC
t
d(on)
16
ns
t
ri
17
ns
E
on
0.16
mJ
t
d(off)
75
ns
t
fi
33
ns
E
off
0.09
0.16 mJ
t
d(on)
16
ns
t
ri
18
ns
E
on
0.27
mJ
t
d(off)
115
ns
t
fi
100
ns
E
off
0.27
mJ
R
thJC
0.83
°C/W
R
thCK
TO-220
0.50
°C/W
TO-247
0.21
°C/W
Inductive load, T
J = 125°C
I
C = 12A, VGE = 15V
V
CE = 400V, RG = 22Ω
Note 2
Inductive load, T
J = 25°C
I
C = 12A, VGE = 15V
V
CE = 400V, RG = 22Ω
Note 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com