Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA48N60B3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGA48N60B3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA48N60B3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGA48N60B3 Datasheet HTML 1Page - IXYS Corporation IXGA48N60B3 Datasheet HTML 2Page - IXYS Corporation IXGA48N60B3 Datasheet HTML 3Page - IXYS Corporation IXGA48N60B3 Datasheet HTML 4Page - IXYS Corporation IXGA48N60B3 Datasheet HTML 5Page - IXYS Corporation IXGA48N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions.
IXGA48N60B3 IXGP48N60B3
IXGH48N60B3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C = 30A, VCE = 10V, Note 1
28
46
S
C
ies
3980
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
170
pF
C
res
45
pF
Q
g
115
nC
Q
ge
I
C = 40A, VGE = 15V, VCE = 0.5 • VCES
21
nC
Q
gc
40
nC
t
d(on)
22
ns
t
ri
25
ns
E
on
0.84
mJ
t
d(off)
130
200
ns
t
fi
116
200
ns
E
off
0.66
1.20 mJ
t
d(on)
19
ns
t
ri
25
ns
E
on
1.71
mJ
t
d(off)
190
ns
t
fi
157
ns
E
off
1.30
mJ
R
thJC
0.42 °C/W
R
thCS
(TO-247)
0.25
°C/W
(TO-220)
0.50
°C/W
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Pins: 1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 (IXGP) Outline
TO-263 (IXGA) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80 21.46
.819
.845
E
15.75 16.26
.610
.640
e
5.20
5.72 0.205 0.225
L
19.81 20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40 0.232 0.252
R
4.32
5.49
.170
.216
S
6.15
BSC
242 BSC
e
∅ P
TO-247 (IXGH) Outline
Inductive Load, T
J = 25°C
I
C = 30A, VGE = 15V
V
CE = 480V, RG = 5Ω
Inductive Load, T
J = 125°C
I
C = 30A, VGE = 15V
V
CE = 480V, RG = 5Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com