Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGA48N60C3 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXGA48N60C3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA48N60C3 Datasheet(HTML) 5 Page - IXYS Corporation

  IXGA48N60C3 Datasheet HTML 1Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 2Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 3Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 4Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 5Page - IXYS Corporation IXGA48N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2009 IXYS CORPORATION, All rights reserved
IXGA48N60C3 IXGH48N60C3
IXGP48N60C3
Fig. 12. Inductive Switching
Energy Loss vs. Gate Resistance
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
5
10
15
20
25
30
35
RG - Ohms
0.2
0.6
1.0
1.4
1.8
2.2
2.6
Eoff
Eon - - - -
TJ = 125ºC , VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
I C = 15A
Fig. 17. Inductive Turn-off
Switching Times vs. Junction Temperature
20
40
60
80
100
120
140
160
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
50
60
70
80
90
100
110
120
t f
td(off) - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
I C = 15A
I C = 60A
I C = 30A
Fig. 15. Inductive Turn-off
Switching Times vs. Gate Resistance
70
75
80
85
90
95
100
105
110
115
120
125
130
0
5
10
15
20
25
30
35
RG - Ohms
50
75
100
125
150
175
200
225
250
275
300
325
350
t f
td(off) - - - -
TJ = 125ºC, VGE = 15V
VCE = 400V
I C = 30A
I C = 15A
I C = 60A
Fig. 13. Inductive Swiching
Energy Loss vs. Collector Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
15
20
25
30
35
40
45
50
55
60
IC - Amperes
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Eoff
Eon - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
TJ = 125ºC, 25ºC
Fig. 14. Inductive Swiching
Energy Loss vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Eoff
Eon - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
I C = 60A
I C = 30A
I C = 15A
Fig. 16. Inductive Turn-off
Switching Times vs. Collector Current
20
30
40
50
60
70
80
90
100
110
120
130
140
15
20
25
30
35
40
45
50
55
60
IC - Amperes
50
55
60
65
70
75
80
85
90
95
100
105
110
t f
td(off) - - - -
RG = 3Ω , VGE = 15V
VCE = 400V
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com