Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5SMF-AJS Datasheet(PDF) 1 Page - Cree, Inc

Part # C5SMF-AJS
Description  5-mm Oval LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMF-AJS Datasheet(HTML) 1 Page - Cree, Inc

  C5SMF-AJS Datasheet HTML 1Page - Cree, Inc C5SMF-AJS Datasheet HTML 2Page - Cree, Inc C5SMF-AJS Datasheet HTML 3Page - Cree, Inc C5SMF-AJS Datasheet HTML 4Page - Cree, Inc C5SMF-AJS Datasheet HTML 5Page - Cree, Inc C5SMF-AJS Datasheet HTML 6Page - Cree, Inc C5SMF-AJS Datasheet HTML 7Page - Cree, Inc C5SMF-AJS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
FEATURES
• Size (mm): 5
• Color and Typical Dominant Wavelength (nm):
Amber (591)
• Luminous Intensity (mcd)
Amber (770 - 3000)
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Full-Color Video Screen
• Motorway Signs
• Variable Message Sign (VMS)
• Advertising Signs
• Petrol Signs
Cree® Screen Master® 5-mm Oval LED
C5SMF-AJS
Data Sheet
This oval LED is specifically designed for variable-message signs and passenger-
information signs. The oval-shaped radiation pattern and high luminous intensity
ensure that these devices are excellent for wide-field-of-view outdoor applications
where a wide viewing angle and readability in sunlight are essential.
These lamps are made with an advanced optical-grade epoxy that offers superior
high-temperature and high-moisture-resistance performance in outdoor signal
and sign applications. The encapsulation resin contains anti-UV material in order
to reduce the effects of long-term exposure to direct sunlight.


Similar Part No. - C5SMF-AJS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
521Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMF-AJS MARKTECH-C5SMF-AJS Datasheet
494Kb / 8P
Screen Master
C5SMF-AJS-CS0V0251 MARKTECH-C5SMF-AJS-CS0V0251 Datasheet
521Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMF-AJS-CS0V0252 MARKTECH-C5SMF-AJS-CS0V0252 Datasheet
521Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
C5SMF-AJS-CT0U0341 MARKTECH-C5SMF-AJS-CT0U0341 Datasheet
521Kb / 8P
Cree짰 Screen Master짰 5-mm Oval LED
More results

Similar Description - C5SMF-AJS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LO5SMPHR4-B0G-A CREE-LO5SMPHR4-B0G-A Datasheet
335Kb / 5P
5-mm Oval LED
LO5SMTPG4-B0G-A2 CREE-LO5SMTPG4-B0G-A2 Datasheet
336Kb / 5P
5-mm Oval LED
LO5SMTWN1-B0G-A1 CREE-LO5SMTWN1-B0G-A1 Datasheet
365Kb / 6P
5-mm Oval LED
LO566TBG4-60G-A1 CREE-LO566TBG4-60G-A1 Datasheet
325Kb / 5P
5-mm Oval LED
LO566TBL4-70G-A CREE-LO566TBL4-70G-A Datasheet
334Kb / 5P
5-mm Oval LED
LO566THR4-70G-A2 CREE-LO566THR4-70G-A2 Datasheet
337Kb / 5P
5-mm Oval LED
LO566TPG4-70G-A CREE-LO566TPG4-70G-A Datasheet
354Kb / 5P
5-mm Oval LED
LO566TWN1-70G-A1 CREE-LO566TWN1-70G-A1 Datasheet
361Kb / 6P
5-mm Oval LED
LO566TWN1-70H-A1 CREE-LO566TWN1-70H-A1 Datasheet
367Kb / 6P
5-mm Oval LED
logo
Marktech Corporate
C5SMF-C5SME MARKTECH-C5SMF-C5SME_15 Datasheet
521Kb / 10P
5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com