Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM4B-RKW Datasheet(PDF) 3 Page - Cree, Inc

Part # CLM4B-RKW
Description  1 in 1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLM4B-RKW Datasheet(HTML) 3 Page - Cree, Inc

  CLM4B-RKW_2 Datasheet HTML 1Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 2Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 3Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 4Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 5Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 6Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 7Page - Cree, Inc CLM4B-RKW_2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1087.001
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 50 mA)
Red (CLM4B-RKW)
Bin Code
Min.(mcd)
Max.(mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Color Bin Limit (I
F = 50 mA)
Amber (CLM4B-AKW)
Bin Code
Min.(mcd)
Max.(mcd)
Wa
1120
1400
Wb
1400
1800
Xa
1800
2240
Xb
2240
2800
Tolerance of measurement of luminous intensity is ±10%.
Red (CLM4B-RKW)
Bin Code
Min.(nm)
Max.(nm)
RA
618
630
Amber (CLM4B-AKW)
Bin Code
Min.(nm)
Max.(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Tolerance of measurement of dominant wavelength is ±1 nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com